PART |
Description |
Maker |
EDS-220-Z-LA-I EDS-260-Z-LA-I EDS-370-Z-LA-I EDS-2 |
POSITION, LINEAR SENSOR-INDUCTIVE, 220mm, 4-20mA, CYLINDRICAL POSITION, LINEAR SENSOR-INDUCTIVE, 260mm, 4-20mA, CYLINDRICAL POSITION, LINEAR SENSOR-INDUCTIVE, 370mm, 4-20mA, CYLINDRICAL POSITION, LINEAR SENSOR-INDUCTIVE, 250mm, 4-20mA, CYLINDRICAL POSITION, LINEAR SENSOR-INDUCTIVE, 300mm, 4-20mA, CYLINDRICAL POSITION, LINEAR SENSOR-INDUCTIVE, 100mm, 4-20mA, CYLINDRICAL
|
Micro-Epsilon Group
|
E1008 E512 E530 E522 E531 E533 E513 |
Green, low profile surface mount LED. Lens translucent green. Luminous intensity at 20mA 3.2mcd (min), 8.0mcd (max). Typ.forward voltage at 20mA 2.20V. High efficiency red, low profile surface mount LED. Lens translucent red. Luminous intensity at 20mA 5.0mcd (min), 12.0mcd (max). Typ.forward voltage at 20mA 2.00V. Ultra bright red, low profile surface mount LED. Lens translucent red. Luminous intensity at 20mA 40.0mcd (min), 70.0mcd (max). Typ.forward voltage at 20mA 1.85V. Yellow, low profile surface mount LED. Lens translucent yellow. Luminous intensity at 20mA 3.2mcd (min), 8.0mcd (max). Typ.forward voltage at 20mA 2.10V. SMT Bright White LEDs
|
GILWAY[Gilway Technical Lamp]
|
LT3009IDC-1.2-PBF LT3009IDC-1.2-TRPBF LT3009IDC-1. |
3楼矛A IQ, 20mA Low Dropout Linear Regulators 3渭A IQ, 20mA Low Dropout Linear Regulators 3μA IQ, 20mA Low Dropout Linear Regulators
|
Linear Technology
|
1N659 1N660 FDLL659 1N661 1N746 1N963 1N3600 FDLL6 |
Ultra fast low capacitance diode. Working inverse voltage 50 V. High speed high conductance diode. Working inverse voltage 175 V. General purpose low diode. Working inverse voltage 100V. 500 mW silicon linear diode. Max zener impedance 6.0 Ohm, max zener voltage 7.5 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 17.0 Ohm, max zener voltage 5.1 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 7.0 Ohm, max zener voltage 6.2 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 23.0 Ohm, max zener voltage 3.9 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 11.0 Ohm, max zener voltage 5.6 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 24.0 Ohm, max zener voltage 3.6 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 22.0 Ohm, max zener voltage 4.3 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 5.0 Ohm, max zener voltage 6.8 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 8.0 Ohm, max zener voltage 8.2 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 17.0 Ohm, max zener voltage 10.0 V (Iz 20mA). General purpose low diode. Working inverse voltage 200V. General Purpose Diodes
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
X24645SG-2.7 X24645F X24645G X24645I X24645S8G-2.7 |
ED,SMD 0805,RED,660NM, WATER CLEAR,20MCD@20mA ED,SMD 1206,RED,660NM, WATER CLEAR,30MCD@20mA Advanced 2-Wire Serial E2PROM with Block LockTM Protection 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14
|
IC MICROSYSTEMS Sdn. Bhd.
|
597-3301-207F |
LED Lamp; Color:Green; Luminous Intensity (MSCP):10; Voltage Rating:2.1V; Forward Current:20mA; Forward Voltage:2.1V; Input Current:20mA; LED Color:Green; Leaded Process Compatible:Yes; Package/Case:PLCC SINGLE COLOR LED, GREEN, 2.39 mm
|
Dialight PLC
|
MAX1459 MAX1459AAP 2187 MAX1459CAP MAX1459C_D MAX1 |
2-Wire, 4?20mA Smart Signal Conditioner 2-Wire, 4-20mA Smart Signal Conditioner From old datasheet system
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
LT3008ITS8-5TRPBF LT3008EDC-1.2TR LT3008EDC-1.2TRP |
3楼矛A IQ, 20mA, 45V Low Dropout Linear Regulators 3μA IQ, 20mA, 45V Low Dropout Linear Regulators
|
Linear Technology http://
|
Z8937320ASC Z8937320VSC Z8937320FSC Z8927320VSC Z8 |
16-BIT, 20 MHz, OTHER DSP, PQCC44 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:20mA; Current, It av:16A; Gate Trigger Current Max, Igt:20mA; Holding Current:35mA RoHS Compliant: Yes 16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
|
ZILOG INC Zilog, Inc.
|
2SC4572 |
800V/20mA Switching Applications
|
Sanyo Semicon Device
|
2SC4031 |
900V/20mA Switching Applications
|
Sanyo Semicon Device
|
2SC4579 |
900V/20mA Switching Applications
|
SANYO[Sanyo Semicon Device]
|
|